Part Number Hot Search : 
TIP120G 2SK2560 3434EFE CD22301 SA101 A12181 1N50C LM833S
Product Description
Full Text Search
 

To Download DTZ-2E-1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTZ- 1250 2E-
DOUBLE BALANCED M I XER
10 t 2500 M Hz/+10 dBm LO /DC Coupl I Por /CaseFr o ed F t ee
PRINCIPAL SPECIFICATIONS
Model Number RF/LO Freq., MHz IF Freq., MHz Operating Range, MHz 10 - 200 200 - 600 600 - 2500 Conversion Port Isolation, Min. 1 dB Compr. Input Loss, dB, L-R L-X R-X Point, Interc. Point, Max. Typ. dB dB dB dBm, Typ. dBm, Typ. 7.5 8.5 9.0 7.0 7.0 8.0 30 25 25 30 25 25 30 23 23 +7 +14
DTZ-2E-1250 10-2500 1-1000
All specifications are as measured in a 50 system, at nominal LO power in a down converter application
E-Package Outline
GENERAL SPECIFICATIONS
Impedance: Third Order Intermod. Ratio Degradation: LO Drive:
NOTES: 1. Tolerance on 3 place decimals 0.010" (.25 mm) except as noted. 2. Dimensions in inches over mm.
50 nom. 3 dB typ.
(for IF VSWR of 3.0:1)
+10 dBm, nom.
Useful LO Drive Range: 3 dB of nominal SSB Noise Figure: 1 dB Desens. Level: Weight, nominal: Within 1 dB of Conversion Loss +5 dBm, typ. 0.02 oz (560 mg)
Operating Temperature: - 55 to +85C
Pad Func. 1 Gnd. 2 LO 3 RF 4 IF
General Notes:
The DTZ-2E-1250 CaseFree Termination Insensitive Mixer covers the frequency range of 10 to 2500 MHz using transmission line hybrid junction techniques to isolate the diode rings from termination mismatch-induced reflections. This means the intermodulation ratio is independent of the IF port impedance, so this unit is ideal for applications where a high performance mixer must drive a reactive load (e.g., filter) at the IF port.
23Feb96
Fo f t e i or i c t c M ERRI AC /41 Faifel Pl,W estCal r urh r nf maton on a t M ri d . dwel,NJ,07006 / 973- 1300 /FAX 973- 0531 l 575575-


▲Up To Search▲   

 
Price & Availability of DTZ-2E-1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X